Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3352 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 10
LP3352 Version 0.2 AUG-2018
Function Block Diagram
VL
Boost
EN
CH6
Control
Logic
OTP
OSC
Current
Setting
SCP
OCP
LED
Sink
Current
PGND
CH1
Internal
Regulator
UVLO
IN
OVP
CTRL
Dimming
Control
ISET
OUT
LX
GND
Figure 3. Function Block Diagram
Functional Pin Description
Pin NO.
Pin Name
Description
1
PGND
Power Ground.
2
LX
Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX.
3
IN
Input Supply Pin. Decouple with 10
μF ceramic capacitor close to the pin.
4
OUT
Output Voltage Sense Pin.
5
ISET
LED Current Set Pin. Connect external resistor between this pin to gnd.
6
VL
Regulator Output Pin. Connect a ceramic capacitor between VL and GND.
7
CH1
LED string current sink channel 1.
8
CH2
LED string current sink channel 2.
9
CH3
LED string current sink channel 3.
10
AGND
Analog Ground.
11
CTRL
External PWM Dimming Control Pin.
12
CH4
LED string current sink channel 4.
13
CH5
LED string current sink channel 5.
14
CH6
LED string current sink channel 6.
15
EN
Enable Pin.
16
NC
No Connection.
17
EP
Exposed thermal pad. Connect to AGND or PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com