Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3352 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 5 of 10
LP3352 Version 0.2 AUG-2018
Electrical Characteristics
(VIN=12V, VEN=VCTRL=3V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
Input Supply Voltage
VIN
2.7
24
V
Internal Voltage Output
VL
VIN=12V
5
V
VIN Supply Current
IQ
Shutdown Current
2
18
uA
Operation Current
2.5
3
mA
VOUT Input Current
IQ_OUT
30
uA
Input UVLO Threshold
VUVLO
VIN Rising
2.6
V
UVLO Threshold Hysteresis
VUVLO(H)
Falling Hysteresis
100
mV
Current Soft Start Time
TSS
1
ms
Thermal Shutdown Threshold
TSD
Temperature Rising
140
160
180
°C
Thermal Shutdown Hysteresis
∆TSD
15
°C
Logic Control (EN, CTRL)
EN/CTRL Threshold Voltage
VIH
1.5
V
VIL
0.4
V
EN/CTRL Logic Sink Current
ILS
VEN=VCTRL=3V
15
uA
Dimming Frequency
FDIM
100
30k
Hz
Boost Regulator
Internal Oscillator Frequency
FOSC
0.8
1
1.2
MHz
Switch On Resistance
RDS(ON)
250
450
m
LX Leakage current
ILeak_LX
EN=L, VLX=35V
1
uA
Maximum Duty Cycle
DMAX
85
93
%
Minimum Duty Cycle
DMIN
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com