Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3352 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 10
LP3352 Version 0.2 AUG-2018
Absolute Maximum Ratings
Note 1
VIN to GND --------------------------------------------------------------------------------------------------------
−0.3V to +27V
CH1~CH6, LX, OUT to GND ---------------------------------------------------------------------------------
−0.3V to +40V
EN, CTRL to GND -----------------------------------------------------------------------------------------------
−0.3V to +27V
VL, ISET to GND -------------------------------------------------------------------------------------------------
−0.3V to +7V
Operating Junction Temperature Range (TJ)
------------------------------------------------------
−40
℃ to +150℃
Operation Ambient Temperature Range
--------------------------------------------------------------
−40°C to +85°C
Storage Temperature Range
----------------------------------------------------------------------------
−65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec)
----------------------------------------------- +260°C
Maximum Junction Temperature
----------------------------------------------------------------------- +150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
QFN-16,
θ
JA
--------------------------------------------------------------------------------------------------- 88°C/W
QFN-16,
θ
JC
-------------------------------------------------------------------------------------------------- 39°C/W
Recommended Operating Conditions
Input Voltage, VIN ------------------------------------------------------------------------------------------------- 2.7V to 24V
LED Current per Channel, ILED ------------------------------------------------------------------------------- 3mA to 30mA
Junction Temperature, TJ -------------------------------------------------------------------------------------- -40°C to 125°C
Ambient temperature, TA --------------------------------------------------------------------------------------- -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com