Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3352 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 10
LP3352 Version 0.2 AUG-2018
6-Channel LED Driver for Backlights
General Description
LP3352 is a cost effective LED driver optimized for
media size LCD backlighting application. It provides
a high performance LED backlight solution with
minimized bill of material count.
LP3352 have a high
performance boost converter
with integrated 2.5A/40V power MOS. The boost
structure which uses current mode control and fixed
frequency operation to regulate the LED current. The
6-CH sink current can be adjusted through an
external resistor. In addition, the LP3352 offers
external frequency PWM dimming method for a wide
range of dimming control.
Other features include over current protection (OCP),
output
over
voltage
protection
(OVP),
and
under-voltage lockout (UVLO). The
LP3352 is
available in a space saving QFN-16 (0.5mm pitch)
package.
Order Information
LP3352□□□
F: Green
Package Type
QV: QFN-16
Features
Wide VIN Range: 2.7V to 24V
Current-Mode Boost Converter
Integrated 2.5A/40V boost power MOS
Built-in Internal Current soft-start
Six programmable current sinks
Current up to 30mA per channel
PWM dimming from 100Hz to 30kHz
2.5% current matching
3% current accuracy
LED string open/short detection
Under-Voltage Lockout
Over Voltage Protection
Over Current Protection
Over-Temperature Protection
Available in QFN-16 (3mm×3mm)
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
Notebook LED Backlight
TFT LCD Monitor LED Backlight
Tablet Display Backlight
Marking Information
Device
Marking
Package
Shipping
LP3352
LPS
LP3352
YWX
QFN-16
5K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP3352

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
PWM Dimming Control for LED Driver
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
LP3359-MSF POWER-LP3359-MSF Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
LP3359-QVF POWER-LP3359-QVF Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
More results

Similar Description - LP3352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
Charge Pump Driver for LCD White LED Backlights
10/04-Revision 0
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
White LED Driver for Large LCD TV Backlights
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Analog Devices
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
6-Channel LED Driver
Sep 8, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com