Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 9 of 10
LP3352 Version 0.2 AUG-2018
Application Information (Continued)
LED Open Protection
If one of the LED strings is open at any time, the boost
converter output voltage rises to the OVP threshold
during
the
start-up
period
before
the
LP3352
auto-detect the open LED string. The controller
removes the open CHx pin and continues to regulate
current for the other strings.
LED Short Protection
If there are several shorted LEDs in one string, that
total voltage will smaller than other LED strings and
the voltage on the affected CHx pin will be higher than
on the other CHx pins. If any CHx pin voltage exceeds
CHx
OVP
threshold,
the
IC
turns
off
the
corresponding current sink and removes this CHx pin
from regulation loop, the other CHx pins’ current
regulation is not affected. This state will keep until the
chip is power restart or EN cycled.
Layout Guideline
The proper PCB layout and component placement are
critical for all circuit. The careful attention should be
prevent electromagnetic interference (EMI) problems.
Here are some suggestions to the layout of LP3352
design.
1.
Connected
all
ground
together
with
one
uninterrupted ground plane with at least two vias .
2. The input capacitor should be located as closed as
possible to the VIN and ground plane.
3. Minimize the distance of all traces connected to the
LX node, that the traces short and wide route to obtain
optimum efficiency.
4. All output capacitor must be closed to ground
plane. The ground terminal of COUT must be located
as closed as possible to ground plane.
5. Radiated noise can be decreased by choosing a
shielded inductor.
Cin
Rin
CIN
PGND
LX
VIN
OUT
CTRL
CH4
AGND
CH3
1
2
3
EP
ISET VL CH1
CH2
NC EN CH6
CH5
4
5
6
7
8
9
10
12
11
13
14
15
16
VIN
VOUT GND
GND
ROUT
COUT
Figure 5. Recommended PCB Layout Diagram
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com