Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3352 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 10
LP3352 Version 0.2 AUG-2018
Typical Application Circuit
IN
VIN
EN
EN
L1
10uH
CIN
22uF
Cin
10uF
COUT
4.7uF
Rin
10
LP3352
LX
OUT
ISET
PGND
RISET
62k
CVL
100nF
ROUT
100
VOUT
LED
Lighting
CTRL
PWM
VL
CH6
CH1
Figure 1. Typical Application Circuit of LP3352
Pin Configuration
PGND
LX
VIN
OUT
CTRL
CH4
AGND
CH3
1
2
3
EP
ISET VL CH1 CH2
NC EN CH6 CH5
4
5
6
7
8
9
10
12
11
13
14
15
16
Figure 2. QFN-16 Package Top View



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com