Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP140WD2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
4 / 28
1. General Description
General Features
Active Screen Size
14.0 inches diagonal
Outline Dimension
322.3(H, typ) × 187.1(V, typ) × 3.6(D,max) [mm]
Pixel Pitch
0.1932mm × 0.1932 mm
Pixel Format
1600 horiz. By 900 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
250 cd/m2(Typ.5 point)
Power Consumption
Total 4.81 Watt (Typ.) @ Logic input 0.91Watt (Typ.), B/L input 3.9 Watt (Typ.)
Weight
320g (Max.)
Display Operating Mode
Transmissive mode, normally white
Surface Treatment
Anti-glare treatment of the front polarizer(3H)
RoHS Comply
Yes
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(HD+, TN)
1
Timing Control
(Tcon) Block
40
EEPROM Block
for EDID
Source Driver
(Bottom Bent)
TCLKs
LVDS
2port
VCC
LED Driver
Block
EEPROM Block
for Tcon Operating
Power
Block
AVCC, AVDD
VGH, VGL, GMA
GSP, GSC, GOE
DVCC
VLED
LED_EN
PWM
900
1600
LED Backlight Ass’y
FB1~4
VOUT_LED
1
900
The LP40WD2 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally white mode. This TFT-LCD has 14.0 inches diagonally measured active display area with HD+
resolution (1600 horizontal by 900 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than 262,144
colors. The LP140WD2 has been designed to apply the interface method that enables low power, high
speed, low EMI. The LP140WD2 is intended to support applications where thin thickness, low power are
critical factors and graphic displays are important. In combination with the vertical arrangement of the sub-
pixels, the LP140WD2 characteristics provide an excellent flat display for office automation products such
as Notebook PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com