Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
22 / 28
8. Packing
8-2. Packing Form
8-1. Designation of Lot Mark
a) Lot Mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : SIZE(INCH)
D : YEAR
E : MONTH
F ~ M : SERIAL NO.
Note
1. YEAR
2. MONTH
Mark
Year
0
2010
6
2006
7
2007
8
2008
9
2009
4
2004
5
2005
3
2
1
2003
2002
2001
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
b) Location of Lot Mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
a) Package quantity in one box : 30 pcs
b) Box Size : 490mm X 390mm X 256 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com