Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
14 / 28
4. Optical Specification
Table 7. OPTICAL CHARACTERISTICS
Ta=25
C, VCC=3.3V, fV=60Hz, f
CLK= 96MHz
FIG. 1 Optical Characteristic Measurement Equipment and Method
LCD Module
Optical Stage(x,y)
Equipment
500mm± 50mm
Optical characteristics are determined after the unit has been
‘ON’ and stable for approximately 20 minutes in
a dark environment at 25C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of and equal to 0.
FIG. 1 presents additional information concerning the measurement equipment and method.
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
-
350
-
1
Surface Luminance, white
L
WH
-
250
-
cd/m2
2
Luminance Variation
WHITE(5p)
70
-
-
%
3
WHITE(13p)
60
70
-
%
Response Time
Tr
R + TrD
-
16
25
ms
4
Color Coordinates
RED
RX
0.561
0.591
0.621
RY
0.318
0.348
0.378
GREEN
GX
0.310
0.340
0.370
GY
0.528
0.558
0.588
BLUE
BX
0.127
0.157
0.187
BY
0.099
0.129
0.159
WHITE
WX
0.283
0.313
0.343
WY
0.299
0.329
0.359
Viewing Angle
5
x axis, right(
=0)
r
40
45
-
degree
x axis, left (
=180)
l
40
45
-
degree
y axis, up (
=90)
u
10
15
-
degree
y axis, down (
=270)
d
30
35
-
degree
Gray Scale
6
Color Gamut
C/G
-
45
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com