Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
8 / 28
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Pin
Symbol
Description
Notes
1
NC
No Connection
[Interface Chip]
1. LCD :
SiW, SW0646(LCD Controller)
Including LVDS Receiver.
2. System : SiW LVDSRx or equivalent
* Pin to Pin compatible with LVDS
[Connector]
LSMtron GT05Q-40S-H10 or equivalent
[Mating Connector]
Mating of IPEX 20455-040 or equivalent
[Connector pin arrangement]
2
VCC
LCD Logic and driver power (3.3V Typ.)
3
VCC
LCD Logic and driver power (3.3V Typ.)
4
V EEDID
DDC Power (3.3V)
5
NC
No Connection
6
Clk EEDID
DDC Clock
7
DATA EEDID
DDC Data
8
ORX0-
Negative LVDS differential data input
9
ORX0+
Positive LVDS differential data input
10
GND
LCM Ground
11
ORX1-
Negative LVDS differential data input
12
ORX1+
Positive LVDS differential data input
13
GND
LCM Ground
14
ORX2-
Negative LVDS differential data input
15
ORX2+
Positive LVDS differential data input
16
GND
LCM Ground
17
ORXC-
Negative LVDS differential clock input
18
ORXC+
Positive LVDS differential clock input
19
GND
LCM Ground
20
ERX0-
Negative LVDS differential data input
21
ERX0+
Positive LVDS differential data input
19
GND
LCM Ground
23
ERX1-
Negative LVDS differential data input
24
ERX1+
Positive LVDS differential data input
19
GND
LCM Ground
26
ERX2-
Negative LVDS differential data input
27
ERX2+
Positive LVDS differential data input
19
GND
LCM Ground
29
ERXC-
Negative LVDS differential clock input
30
ERXC+
Positive LVDS differential clock input
31
GND
LCM Ground (LED Backlight Ground)
32
GND
LCM Ground (LED Backlight Ground)
33
GND
LCM Ground (LED Backlight Ground)
34
NC
No Connection
35
PWM
System PWM Signal input for dimming
36
LED_EN
LED Backlight On/Off
37
NC
No Connection
38
VLED
LED Backlight Power (7V-21V)
39
VLED
LED Backlight Power (7V-21V)
40
VLED
LED Backlight Power (7V-21V)
1
40
[LCD Module Rear View]
This LCD employs two interface connections, a 40 pin connector used for the module electronics interface and
the other connector used for the integral backlight system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com