Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 23 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 27Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
23 / 28
8-3. Label Description
Model Name
LGD Code
1)P/N : 93P5688
2)FRU : 93P5689
Lenovo Code
(1) Model Name : L P 1 4 0
W D 2 - T
L B 1
Revision Code
Product Type
Display Mode
Basic Model Serial No.
Resolution : HD+
Size (inch) : 14.0”
Application : NBPC
LGD Brand Initial: L
Lot Mark
(2) Lot Mark
: 1 4 0
0
9 C 1 5 0 0 0 0 1
SERIAL NO.
MONTH
YEAR
SIZE
LGD CODE
Lenovo CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com