Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
11 / 28
3-4. Signal Timing Specifications
Table 4. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Note
DCLK
Frequency
f
CLK
-
96
-
MHz
Hsync
Period
t
HP
1704
1728
1768
tCLK
Width
t
WH
32
32
48
Width-Active
tw
HA
1600
1600
1600
Vsync
Period
t
VP
910
926
934
tHP
Width
t
WV
2
5
7
Width-Active
tw
VA
900
900
900
Data
Enable
Horizontal back porch
t
HBP
32
48
64
tCLK
Horizontal front porch
t
HFP
40
48
56
Vertical back porch
t
VBP
7
18
21
tHP
Vertical front porch
t
VFP
1
3
6
Appendix) All reliabilities are specified for timing specification based on refresh rate of 60 Hz.
Even though actual performance in 50Hz and 40Hz for low power is displayed normally,
remark and inform to user that display quality in 40 Hz and 50 Hz is out of guarantee range.
3-5. Signal Timing Waveforms
Condition : V
CC =3.3V
Low: 0.3VCC
High: 0.7VCC
Hsync
Date Enable
Vsync
Date Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com