Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
13 / 28
Note)
1. Do not insert the mating cable when system turn on.
2. Valid Data have to meet “3-3. LVDS Signal Timing Specifications”
3. LVDS, LED_EN and PWM need to be on pull-down condition on invalid status.
4. LGD recommend the rising sequence of VLED after the Vcc and valid status of LVDS turn on.
LED
Parameter
Value
Units
Min.
Typ.
Max.
T
8
0
-
-
ms
T
9
0
-
-
ms
T
10
0
-
-
ms
T
11
0
-
-
ms
T
12
0.5
-
-
ms
T
13
0
-
5000
ms
Logic
Parameter
Value
Units
Min.
Typ.
Max.
T
1
0.5
-
10
ms
T
2
0
-
50
ms
T
3
0
-
-
ms
T
4
150
-
-
ms
T
5
200
-
-
ms
T
6
0
-
-
ms
T
7
0
-
10
ms
3-7. Power Sequence
Table 6. POWER SEQUENCE TABLE
0V
T
12
T
7
Interface Signal, V
i
LVDS
Power Supply Input
VCC
90%
10%
10%
0V
90%
T
1
T
2
T
3
T
4
T
5
T
6
0V
LED BL
Dimming Control Signal
PWM
0V (Low)
T
8
LED Driver Input Voltage
VLED
T
10
LED BL
On/Off Control Signal
LED_EN
T
11
T
9
Valid Data
0V
Valid Data
0V (Off)
90%
10%
T
12
90%
3.0V
3.0V
10%
T
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com