Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WD2 Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LP140WD2
Description  14.0?쓂 HD TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WD2 Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LP140WD2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WD2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Product Specification
LP140WD2
Liquid Crystal Display
Ver. 1.0
Dec. 16. 2010
17 / 28
5. Mechanical Characteristics
Outline Dimension
Horizontal
322.3
 0.5mm
Vertical
187.1
 0.5mm
Thickness
3.6mm (max)
Bezel Area
(Pol. Size)
Horizontal
313.40
 0.5mm
Vertical
177.45
 0.5mm
Active Display Area
Horizontal
309.12 mm
Vertical
173.88 mm
Weight
320g (Max.)
Surface Treatment
Anti glare treatment of the front polarizer(3H)
The contents provide general mechanical characteristics for the model LP140WD2.
In addition the figures in the next page are detailed mechanical drawing of the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com