Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 81 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 81 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
81
Rev. A
11/06/2015
9. ELECTRICAL CHARACTERISTICS
9.1 ABSOLUTE MAXIMUM RATINGS
(1)
Storage Temperature
-65°C to +150°C
Surface Mount Lead Soldering Temperature
Standard Package
240°C 3 Seconds
Lead-free Package
260°C 3 Seconds
Input Voltage with Respect to Ground on All Pins
-0.5V to VCC + 0.5V
All Output Voltage with Respect to Ground
-0.5V to VCC + 0.5V
VCC
-0.5V to +6.0V
Electrostatic Discharge Voltage (Human Body Model)
(2)
-2000V to +2000V
Notes:
1.
Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. ANSI/ESDA/JEDEC JS-001
9.2 OPERATING RANGE
Part Number
IS25LP064A/032A
Operating Temperature (Extended Grade E)
-40°C to 105°C
Operating Temperature (Extended+ Grade E1)
-40°C to 125°C
Operating Temperature (Automotive Grade A1)
-40°C to 85°C
Operating Temperature (Automotive Grade A2)
-40°C to 105°C
Operating Temperature (Automotive Grade A3)
-40°C to 125°C
VCC Power Supply
2.7V (VMIN)
– 3.6V (VMAX); 3.0V (Typ), Max. 133MHz
2.3V (VMIN)
– 3.6V (VMAX); 3.0V (Typ), Max. 104MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com