Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 82 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 82 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 86Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
82
Rev. A
11/06/2015
9.3 DC CHARACTERISTICS
(Under operating range)
Symbol
Parameter
Condition
Min
Typ
(2)
Max
Units
ICC1
VCC Active Read current
(3)
NORD at 50MHz,
5
9
mA
FRD Single at 133MHz
7
11
FRD Quad at 133MHz
10
14
FRD Quad DTR at 66MHz
10
14
ICC2
VCC Program Current
CE# = VCC
85°C
17
20
(6)
105°C
22
(6)
125°C
25
ICC3
VCC WRSR Current
CE# = VCC
85°C
17
20
(6)
105°C
22
(6)
125°C
25
ICC4
VCC Erase Current
(SER/BER32K/BER64K)
CE# = VCC
85°C
17
20
(6)
105°C
22
(6)
125°C
25
ICC5
VCC Erase Current (CE)
CE# = VCC
85°C
17
20
(6)
105°C
22
(6)
125°C
25
ISB1
VCC Standby Current
CMOS
VCC = VMAX, CE# = VCC
85°C
10
20
(6)
µA
105°C
30
(6)
125°C
60
ISB2
Deep power down current
VCC = VMAX, CE# = VCC
85°C
5
10
(6)
105°C
15
(6)
125°C
30
ILI
Input Leakage Current
CE# = VCC, RESET#
(4) = V
CC
±1
(5)
ILO
Output Leakage Current
CE# = VCC, RESET#
(4) = V
CC
±1
(5)
VIL
(1)
Input Low Voltage
-0.5
0.3VCC
V
VIH
(1)
Input High Voltage
0.7VCC
VCC + 0.3
VOL
Output Low Voltage
VMIN < VCC < VMAX
IOL = 100 µA
0.2
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
Notes:
1. Maximum DC voltage on input or I/O pins is VCC + 0.5V. During voltage transitions, input or I/O pins may
overshoot VCC by +2.0V for a period of time not to exceed 20ns. Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, input or I/O pins may undershoot GND by -2.0V for a period of time not to exceed 20ns.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at
V
CC = VCC (Typ), TA=25°C.
3. Outputs are unconnected during reading data so that output switching current is not included.
4. Only for the dedicated RESET# pin (or ball).
5. The Max of ILI and ILO for the dedicated RESET# pin (or ball) is ±2 µA.
6. These parameters are characterized and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com