Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
14
Rev. A
11/06/2015
5. SYSTEM CONFIGURATION
The memory array of the IS25LP064A/032A is divided into uniform 4 Kbyte sectors or uniform 32/64 Kbyte
blocks (a block consists of eight/sixteen adjacent sectors respectively).
Table 5.1 illustrates the memory map of the device. The Status Register controls how the memory is protected.
5.1 BLOCK/SECTOR ADDRESSES
Table 5.1 Block/Sector Addresses of IS25LP064A/032A
Memory Density
Block No.
(64Kbyte)
Block No.
(32Kbyte)
Sector No.
Sector Size
(Kbyte)
Address Range
32Mb
64Mb
Block 0
Block 0
Sector 0
4
000000h
– 000FFFh
:
:
:
Block 1
:
:
:
Sector 15
4
00F000h - 00FFFFh
Block 1
Block 2
Sector 16
4
010000h
– 010FFFh
:
:
:
Block 3
:
:
:
Sector 31
4
01F000h - 01FFFFh
Block 2
Block 4
Sector 32
4
020000h
– 020FFFh
:
:
:
Block 5
:
:
:
Sector 47
4
02F000h
– 02FFFFh
:
:
:
:
:
Block 63
Block 126
Sector 1008
4
3F0000h
– 3F0FFFh
:
:
:
Block 127
:
:
:
Sector 1023
4
3FF000h
– 3FFFFFh
:
:
:
:
:
Block 127
Block 254
Sector 2032
4
7F0000h
– 7F0FFFh
:
:
:
Block 255
:
:
:
Sector 2047
4
7FF000h
– 7FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com