Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 38 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 38 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 42Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
38
Rev. A
11/06/2015
8.8 PAGE PROGRAM OPERATION (PP, 02h)
The Page Program (PP) instruction allows up to 256 bytes data to be programmed into memory in a single
operation. The destination of the memory to be programmed must be outside the protected memory area set by
the Block Protection (BP3, BP2, BP1, BP0) bits. A PP instruction which attempts to program into a page that is
write-protected will be ignored. Before the execution of PP instruction, the Write Enable Latch (WEL) must be
enabled through a Write Enable (WREN) instruction.
The PP instruction code, three address bytes and program data (1 to 256 bytes) are input via the Sl line.
Program operation will start immediately after the CE# is brought high, otherwise the PP instruction will not be
executed. The internal control logic automatically handles the programming voltages and timing. During a
program operation, all instructions will be ignored except the RDSR instruction. The progress or completion of
the program operation can be determined by reading the WIP bit in Status Register via a RDSR instruction. If
the WIP bit is “1”, the program operation is still in progress. If WIP bit is “0”, the program operation has
completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the
previously latched data are discarded, and the last 256 bytes are kept to be programmed into the page. The
starting byte can be anywhere within the page. When the end of the page is reached, the address will wrap
around to the beginning of the same page. If the data to be programmed are less than a full page, the data of all
other bytes on the same page will remain unchanged.
Note:
A program operation can alter “1”s into “0”s, but an erase operation is required to change “0”s back to “1”s.
A byte cannot be reprogrammed without first erasing the whole sector or block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com