Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 61 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 61 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 65Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
61
Rev. A
11/06/2015
8.26 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh)
The JEDEC ID READ instruction allows the user to read the manufacturer and product ID of devices. Refer to
Table 8.5 Product Identification for Manufacturer ID and Device ID. After the JEDEC ID READ command (9Fh in
SPI mode and QPI mode, AFh in QPI mode) is input, the Manufacturer ID is shifted out MSB first followed by
the 2-byte electronic ID (ID15-ID0) that indicates Memory Type and Capacity, one bit at a time. Each bit is
shifted out during the falling edge of SCK. If CE# stays low after the last bit of the 2-byte electronic ID, the
Manufacturer ID and 2-byte electronic ID will loop until CE# is pulled high.
and 2-byte electronic ID will loop until CE# is pulled high.
Figure 8.44 RDJDID (Read JEDEC ID in SPI Mode) Sequence
Instruction = 9Fh
Memory Type
(ID15-ID8)
CE #
SCK
SI
Capacity
(ID7-ID0)
SO
0
1
...
7
8
9
...
15
16
17
...
23
24
25
...
31
Mode 3
Mode 0
Manufacturer ID
(MF7-MF0)
tV
Figure 8.45 RDJDID and RDJDIDQ (Read JEDEC ID) Sequence in QPI Mode
9Fh/AFh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
7:4
3:0
4
5
7:4
3:0
6
7
7:4
3:0
MF7-MF0
ID15-ID8
ID7-ID0
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com