Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
21
Rev. A
11/06/2015
7. PROTECTION MODE
The IS25LP064A/032A supports hardware and software write-protection mechanisms.
7.1 HARDWARE WRITE PROTECTION
The Write Protection (WP#) pin provides a hardware write protection method for BP3, BP2, BP1, BP0, SRWD,
and QE in the Status Register. Refer to the section 6.1 STATUS REGISTER.
Write inhibit voltage (VWI) is specified in the section 9.8 POWER-UP AND POWER-DOWN. All write sequence
will be ignored when Vcc drops to VWI.
Table 7.1 Hardware Write Protection on Status Register
SRWD
WP#
Status Register
0
Low
Writable
1
Low
Protected
0
High
Writable
1
High
Writable
Note: Before the execution of any program, erase or write Status/Function Register instruction, the Write Enable
Latch (WEL) bit must be enabled by executing a Write Enable (WREN) instruction. If the WEL bit is not
enabled, the program, erase or write register instruction will be ignored.
7.2 SOFTWARE WRITE PROTECTION
The IS25LP064A/032A also provides a software write protection feature. The Block Protection (TBS, BP3, BP2,
BP1, BP0) bits allow part or the whole memory area to be write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com