Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 88 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 88 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 92Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
88
Rev. A
11/06/2015
9.8 POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must be NOT SELECTED until Vcc reaches at the right level. (Adding
a simple pull-up resistor on CE# is recommended.)
Power up timing
VCC
VCC(max)
VCC(min)
V(write inhibit)
Reset State
tVCE
tPUW
Read Access Allowed
Device fully
accessible
Chip Selection Not Allowed
All Write Commands are Rejected
Symbol
Parameter
Min.
Max
Unit
tVCE
(1)
Vcc(min) to CE# Low
1
ms
tPUW
(1)
Power-up time delay to write instruction
1
10
ms
VWI
(1)
Write Inhibit Voltage
2.1
V
Note: These parameters are characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com