Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RBLA1 Datasheet(PDF) 53 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RBLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RBLA1 Datasheet(HTML) 53 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RBLA1 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP064A-RBLA1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
53
Rev. A
11/06/2015
8.21 PROGRAM/ERASE SUSPEND & RESUME
The device allows the interruption of Sector-Erase, Block-Erase or Page-Program operations to conduct other
operations. 75h/B0h command for suspend and 7Ah/30h for resume will be used. (SPI/QPI all acceptable)
Function Register bit2 (PSUS) and bit3 (ESUS) are used to check whether or not the device is in suspend mode.
Suspend to read ready timing: 100µs
Resume to another suspend timing: 400µs
PROGRAM/ERASE SUSPEND DURING SECTOR-ERASE OR BLOCK-Erase (PERSUS 75h/B0h)
The Program/Erase Suspend allows the interruption of Sector Erase and Block Erase operations. After the
Program/Erase Suspend, WEL bit will be disabled, therefore only read related, resume and reset commands
can be accepted. Refer to Table 8.3 for more detail.
To execute a Program/Erase Suspend operation, the host drives CE# low, sends the Program/Erase Suspend
command cycle (75h/B0h), then drives CE# high. The Function Register indicates that the erase has been
suspended by changing the ESUS bit from
“0” to “1”, but the device will not accept another command until it is
ready. To determine when the device will accept a new command, poll the WIP bit in the Status Register or wait
the specified time tSUS. When ESUS bit is issued, the Write Enable Latch (WEL) bit will be reset.
PROGRAM/ERASE SUSPEND DURING PAGE PROGRAMMING (PERSUS 75h/B0h)
The Program/Erase Suspend allows the interruption of all array program operations. After the Program/Erase
Suspend command, WEL bit will be disabled, therefore only read related, resume and reset command can be
accepted. Refer to Table 8.3 for more detail.
To execute the Program/Erase Suspend operation, the host drives CE# low, sends the Program/Erase Suspend
command cycle (75h/B0h), then drives CE# high. The Function Register indicates that the programming has
been suspended by changing the PSUS bit from
“0” to “1”, but the device will not accept another command until
it is ready. To determine when the device will accept a new command, poll the WIP bit in the Status Register or
wait the specified time tSUS.
PROGRAM/ERASE RESUME (PERRSM 7Ah/30h)
The Program/Erase Resume restarts the Program or Erase command that was suspended, and changes the
suspend status bit in the Function Register (ESUS or PSUS bits) back to
“0”. To execute the Program/Erase
Resume operation, the host drives CE# low, sends the Program/Erase Resume command cycle (7Ah/30h), then
drives CE# high. A cycle is two nibbles long, most significant nibble first. To determine if the internal, self-timed
Write operation completed, poll the WIP bit in the Status Register, or wait the specified time tSE, tBE or tPP for
Sector Erase, Block Erase, or Page Programming, respectively. The total write time before suspend and after
resume will not exceed the uninterrupted write times tSE, tBE or tPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com