Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 43 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 43 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 39Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 40Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 41Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 42Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 43Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 44Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 45Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 46Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 492 page
background image
8.6
Register Summary - CPU
Offset
Name
Bit Pos.
0x04
CCP
7:0
CCP[7:0]
0x05
...
0x0C
Reserved
0x0D
SP
7:0
SP[7:0]
0x0E
15:8
SP[15:8]
0x0F
SREG
7:0
I
T
H
S
V
N
Z
C
8.7
Register Description
8.7.1
Configuration Change Protection
Name: 
CCP
Offset:  0x04
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
CCP[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – CCP[7:0]: Configuration Change Protection
Writing the correct signature to this bit field allows changing protected I/O registers or executing protected
instructions within the next four CPU instructions executed.
All interrupts are ignored during these cycles. After these cycles, interrupts will automatically be handled
again by the CPU, and any pending interrupts will be executed according to their level and priority.
When the protected I/O register signature is written, CCP[0] will read as '1' as long as the CCP feature is
enabled.
When the protected self-programming signature is written, CCP[1] will read as '1' as long as the CCP
feature is enabled.
CCP[7:2] will always read as zero.
Value
Name
Description
0x9D
SPM
Allow Self-Programming
0xD8
IOREG
Un-protect protected I/O registers
8.7.2
Stack Pointer
The CPU.SP holds the Stack Pointer (SP) that points to the top of the Stack. After Reset, the Stack
Pointer points to the highest internal SRAM address.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com