Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 77 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 77 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 78Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 79Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 80Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 492 page
background image
12.3
Functional Description
12.3.1
Initialization
The Reset Controller (RSTCTRL) is always enabled, but some of the Reset sources must be enabled
(either by fuses or by software) before they can request a Reset.
After any Reset, the Reset source that caused the Reset is found in the Reset Flag register
(RSTCTRL.RSTFR).
After a Power-On Reset, only the POR flag will be set.
The flags are kept until they are cleared by writing a '1' to them.
After reset from any source, all registers that are loaded from fuses are reloaded.
12.3.2
Operation
12.3.2.1 Reset Sources
There are two kind of sources for Resets:
•
Power supply Resets, which are caused by changes in the power supply voltage: Power-on Reset
(POR) and Brownout Detector (BOD).
•
User Resets, which are issued by the application, by debug operation or by pin changes (Software
Reset, Watchdog Reset, UPDI Reset and external Reset pin RESET).
Power-On Reset (POR)
A power-on-reset (POR) is generated by an on-chip detection circuit. The POR is activated when the VDD
rises until it reach the POR treshold voltage. The POR is always enabled and will also detect when the
VDD falls below the treshold voltage.
All logic is reset on POR. All fuses are reloaded after the reset is released. While POR is active, TCD pin
override functionality is not available.
Brownout Detector (BOD) Reset Source
The on-chip Brown-out Detection circuit will monitor the VDD level during operation by comparing it to a
fixed trigger level. The trigger level for the BOD can be selected by fuses. If BOD is unused in application
it is forced on to a minimum level in order to guarantee safe operation during internal reset and chip
erase.
All logic is reset on BOD reset, except TCD pin override settings and BOD configuration. All fuses are
reloaded after the reset is released.
Related Links
BOD - Brownout Detector
Software Reset
The software reset makes it possible to issue a system reset from software. The reset is generated by
writing a '1' to the Software Reset Enable bit (SWRE) in the Software Reset register (RSTCTRL.SWRR).
The reset will take place immediately after the bit is written and the device will be kept in reset until the
reset sequence is completed. All logic is reset on software reset, except UPDI, TCD pin override settings
and BOD configuration. All fuses are reloaded after the reset is released.
External Reset
The External Reset is enabled by fuse (see fuse map).
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com