Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 17 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 13Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 14Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 15Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 16Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 17Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 18Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 19Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 20Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 492 page
background image
6.
Memories
6.1
Overview
The main memories are SRAM data memory, EEPROM data memory, and Flash program memory. In
addition, the peripheral registers are located in the I/O memory space.
Table 6-1. Physical Properties of Flash Memory
Property
ATtiny417
ATtiny817
Size
4KB
8KB
Page size
64B
64B
Number of pages
64
128
Start address
0x8000
0x8000
Table 6-2. Physical Properties of SRAM
Property
ATtiny417
ATtiny817
Size
256B
512B
Start address
0x3F00
0x3E00
Table 6-3. Physical Properties of EEPROM
Property
ATtiny417
ATtiny817
Size
128B
128B
Page size
32B
32B
Number of pages
4
4
Start address
0x1400
0x1400
Related Links
I/O Memory
6.2
Memory Map
6.3
In-System Reprogrammable Flash Program Memory
The ATtiny417/817 contains 4/8KB On-Chip In-System Reprogrammable Flash memory for program
storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as 4K x 16. For write
protection, the Flash Program memory space can be divided into three sections: Boot Loader section,
Application code section and Application data section, with restricted access rights among them.
The program counter is 11/12 bits wide to address the whole program memory. The procedure for writing
Flash memory is described in detail in the documentation of the Non-Volatile Memory Controller
(NVMCTRL) peripheral.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com