Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 78 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 78 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 78Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 79Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 80Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 81Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 492 page
background image
When enabled, the External Reset requests a Reset as long as the RESET pin is low. The device will
stay in Reset until RESET is high again. All logic is reset on external reset, except UPDI, TCD pin
override settings and BOD configuration. All fuses are reloaded after the reset is released.
Related Links
FUSES - Configuration and User Fuses
Watchdog Reset
The watchdog timer (WDT) is a system function for monitoring correct program operation. If the WDT is
not reset from software according to the programmed timeout period, a watchdog reset will be issued.
See the WDT documentation for further details.
All logic is reset on WDT reset, except UPDI, TCD pin override settings and BOD configuration. All fuses
are reloaded after the reset is released.
Related Links
WDT - Watchdog Timer
Universal Program Debug Interface (UPDI) Reset
The UPDI contains a separate reset source that is used to reset the device during external programming
and debugging. The reset source is accessible only from external debuggers and programmers. All logic
is reset on UPDI reset, except the UPDI itself, TCD pin override settings and BOD configuration. All fuses
are reloaded after the reset is released. See UPDI chapter on how to generate a UPDI reset request.
Related Links
UPDI - Unified Program and Debug Interface
12.3.2.2 Reset time
The reset time can be split in two.
The first part is when any of the Reset sources are active. This part depends on the input to the Reset
sources. The external reset is active as long as the RESET pin is low, the power-on-reset (POR) and
Brownout detector (BOD) is active as long as the supply voltage is below reset source threshold.
When all the Reset sources are released an Internal reset initialization of the device is done. The time it
take to do the Internal reset initialization is typical 250 µs. This time will be increased with the Start Up
time given by the Start Up time fuse setting (SYSCFG1.SUT). The Internal reset initialization time will also
increase if the CRC source is setup to run (SYSCFG0.CRCSRC). The additional Internal reset time will
increase by 500 µs for each KB of memory that is checked.
12.3.3
Sleep Mode Operation
The Reset Controller continues to operate in all active and sleep modes.
12.3.4
Configuration Change Protection
This peripheral has registers that are under Configuration Change Protection (CCP). In order to write to
these, a certain key must be written to the CPU.CCP register first, followed by a write access to the
protected bits within four CPU instructions.
It is possible to try writing to these registers any time, but the values are not altered.
The following registers are under CCP:
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com