Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 44 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 44 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 40Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 41Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 42Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 43Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 44Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 45Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 46Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 47Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 492 page
background image
Only the number of bits required to address the available data memory including external memory (up to
64KB) is implemented for each device. Unused bits will always read as zero.
The CPU.SPL and CPU.SPH register pair represents the 16-bit value, CPU.SP. The low byte [7:0] (suffix
L) is accessible at the original offset. The high byte [15:8] (suffix H) can be accessed at offset + 0x01. For
more details on reading and writing 16-bit registers, refer to Accessing 16-bit Registers.
To prevent corruption when updating the Stack Pointer from software, a write to CPU.SPL will
automatically disable interrupts for the next four instructions or until the next I/O memory write.
Name: 
SP
Offset:  0x0D
Reset: 
0xxxxx
Property:
 
-
Bit
15
14
13
12
11
10
9
8
SP[15:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
x
x
x
x
x
x
x
x
Bit
7
6
5
4
3
2
1
0
SP[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
x
x
x
x
x
x
x
x
Bits 15:8 – SP[15:8]: Stack Pointer high byte
These bits hold the MSB of the 16-bit register.
Bits 7:0 – SP[7:0]: Stack Pointer low byte
These bits hold the LSB of the 16-bit register.
8.7.3
Status Register
The Status register contains information about the result of the most recently executed arithmetic or logic
instruction. For details about the bits in this register and how they are affected by the different
instructions, see the Instruction Set Summary.
Name: 
SREG
Offset:  0x0F
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
I
T
H
S
V
N
Z
C
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – I: Global Interrupt Enable
Writing a '1' to this bit enable interrupts on the device.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com