Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 96 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 96 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 92Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 93Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 94Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 95Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 96Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 97Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 98Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 99Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 492 page
background image
14.2.3.2 I/O Lines
The EVSYS can output three event channels asynchronously on pins. The output signals are called
EVOUT[2:0].
1.
Configure which event channel (one of SYNCCH[1:0] or ASYNCCH[3:0]) is output on which the
EVOUTn by writing to EVSYS.ASYNCUSER10, EVSYS.ASYNCUSER9 or EVSYS.ASYNCUSER8
respectively.
2.
Optional: configure the pin properties using the PORT peripheral.
3.
Enable the pin output by writing '1' to the respective EVOUTn bit in the Control A register of the
PORTMUX peripheral (PORTMUX.CTRLA).
Related Links
PORTMUX - Port Multiplexer
PORT - I/O Pin Configuration
ASYNCUSER0, ASYNCUSER1, ASYNCUSER2, ASYNCUSER3, ASYNCUSER4, ASYNCUSER5,
ASYNCUSER6, ASYNCUSER7, ASYNCUSER8, ASYNCUSER9, ASYNCUSER10
14.3
Functional Description
14.3.1
Initialization
Before enabling Events within the device, the Event Users Multiplexer and Event Channels must be
configured.
Related Links
Event User Multiplexer Setup
Event System Channel
14.3.2
Operation
14.3.2.1 Event User Multiplexer Setup
The Event User multiplexer selects the channel for an Event User. Each Event User has one dedicated
Event User multiplexer. Each multiplexer is connected to the supported Event channel outputs, and can
be configured to select one of these channels.
Event Users which support asynchronous Events also support synchronous Events. There are also Event
Users that support only synchronous Events.
The Event User multiplexers are configured by writing to the corresponding registers:
•
Event Users supporting both synchronous and asynchronous Events are configured by writing to
the respective asynchronous User Channel Input Selection n register (EVSYS.ASYNCUSERn).
•
The users of synchronous-only Events are configured by writing to the respective Synchronous
User Channel Input Selection n register (EVSYS.SYNCUSERn).
Default setup of all user multiplexers is Off.
14.3.2.2 Event System Channel
An Event channel can be connected to one of the Event generators. Event channels either support
asynchronous generators or synchronous generators.
The source for each asynchronous Event channel is configured by writing to the respective Asynchronous
Channel n Input Selection register (EVSYS.ASYNCCHn).
The source for each synchronous Event channel is configured by writing to the respective Synchronous
Channel n Input Selection register (EVSYS.SYNCCHn).
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com