Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 73 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 73 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 69Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 70Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 71Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 72Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 492 page
background image
11.3.2
Operation
11.3.2.1 Sleep Modes
In addition to Active mode, there are three different sleep modes, with decreasing power consumption
and functionality.
Idle
The CPU stops executing code, no peripherals are disabled.
All interrupt sources can wake up the device.
Standby
The user can configure peripherals to be enabled or not, using the respective RUNSTBY bit.
This means that the power consumption is highly dependent on what functionality is enabled,
and thus may vary between the Idle and Power Down levels.
SleepWalking is available for the ADC module.
The wake-up sources are Pin interrupts, TWI address match, UART Start-of-Frame interrupt
(if USART is enabled to run in Standby), ADC window interrupt (if PTC enabled to run in
Standby), RTC interrupt (if RTC enabled to run in Standby), and TCB interrupt.
Power
Down
Only the WDT and the PIT (component of the RTC) are active.
The only wake-up sources are the pin change interrupt and TWI address match.
Table 11-2. Sleep Mode Activity Overview
Group
Peripheral
Active in Sleep Mode
Clock
Idle
Standby
Power Down
Active Clock
Domain
CPU
CLK_CPU
Peripherals
CLK_PER
X
RTC
CLK_RTC
X
X*
ADC/PTC
CLK_PER
X
X*
PIT (RTC)
CLK_RTC
X
X
X
WDT
CLK_WDT
X
X
X
Oscillators
Main Clock
Source
X
X*
RTC Clock
Source
X
X*
WDT Oscillator
X
X
X
Wake-Up
Sources
INTn and pin change
X
X
X
TWI address match
X
X
X
Periodic Interrupt Timer
X
X
X
UART start of frame
X
X*
ADC/PTC window
X
X*
RTC interrupt
X
X*
All other interrupts
X
Note: 
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com