Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY817-MFR. Datasheet(PDF) 75 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 75 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 71Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 72Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 78Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 492 page
background image
11.4
Register Summary - SLPCTRL
Offset
Name
Bit Pos.
0x00
CTRLA
7:0
SMODE[1:0]
SEN
11.5
Register Description
11.5.1
Control A
Name: 
CTRLA
Offset:  0x00
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
SMODE[1:0]
SEN
Access
R
R
R
R
R
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 2:1 – SMODE[1:0]: Sleep Mode
Writing these bits selects the sleep mode entered when the Sleep Enable bit (SEN) is written to '1' and
the SLEEP instruction is executed.
Value
Name
Description
0x0
IDLE
Idle sleep mode enabled
0x1
STANDBY
Standby sleep mode enabled
0x2
PDOWN
Power Down sleep mode enabled
other
-
Reserved
Bit 0 – SEN: Sleep Enable
This bit must be written to '1' before the SLEEP instruction is executed to make the MCU enter the
selected sleep mode.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com