Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 7 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 7 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 3Page - Intel Corporation JS28F640P30T85 Datasheet HTML 4Page - Intel Corporation JS28F640P30T85 Datasheet HTML 5Page - Intel Corporation JS28F640P30T85 Datasheet HTML 6Page - Intel Corporation JS28F640P30T85 Datasheet HTML 7Page - Intel Corporation JS28F640P30T85 Datasheet HTML 8Page - Intel Corporation JS28F640P30T85 Datasheet HTML 9Page - Intel Corporation JS28F640P30T85 Datasheet HTML 10Page - Intel Corporation JS28F640P30T85 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
7
1.0
Introduction
This document provides information about the Intel StrataFlash® Embedded Memory (P30) device
and describes its features, operation, and specifications.
1.1
Nomenclature
1.2
Acronyms
1.8 V :
VCC (core) voltage range of 1.7 V – 2.0 V
3.0 V :
VCCQ (I/O) voltage range of 1.7 V – 3.6 V
9.0 V :
VPP voltage range of 8.5 V – 9.5 V
Block :
A group of bits, bytes,1-Gbit P30 Family or words within the
flash memory array that erase simultaneously when the Erase
command is issued to the device. The 1-Gbit P30 Family has
two block sizes: 32-KByte and 128-KByte.
Main block :
An array block that is usually used to store code and/or data.
Main blocks are larger than parameter blocks.
Parameter block :
An array block that is usually used to store frequently changing
data or small system parameters that traditionally would be
stored in EEPROM.
Top parameter device :
A device with its parameter blocks located at the highest
physical address of its memory map.
Bottom parameter device :
A device with its parameter blocks located at the lowest
physical address of its memory map.
BEFP :
Buffer Enhanced Factory Programming
CUI :
Command User Interface
MLC :
Multi-Level Cell
OTP :
One-Time Programmable
PLR :
Protection Lock Register
PR :
Protection Register
RCR :
Read Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com