Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 86 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 86 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 82Page - Intel Corporation JS28F640P30T85 Datasheet HTML 83Page - Intel Corporation JS28F640P30T85 Datasheet HTML 84Page - Intel Corporation JS28F640P30T85 Datasheet HTML 85Page - Intel Corporation JS28F640P30T85 Datasheet HTML 86Page - Intel Corporation JS28F640P30T85 Datasheet HTML 87Page - Intel Corporation JS28F640P30T85 Datasheet HTML 88Page - Intel Corporation JS28F640P30T85 Datasheet HTML 89Page - Intel Corporation JS28F640P30T85 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
86
Order Number: 306666, Revision: 001
Figure 41.
Program Suspend/Resume Flowchart
Read Status
Register
SR.7 =
SR.2 =
Write FFh
Susp Partition
Read Array
Data
Program
Completed
Done
Reading
Write FFh
Pgm'd Partition
Write D0h
Any Address
Program
Resumed
Read Array
Data
0
No
0
Yes
1
1
PROGRAM SUSPEND / RESUME PROCEDURE
Write
Program
Resume
Data = D0h
Addr = Suspended block (BA)
Bus
Operation
Command
Comments
Write
Program
Suspend
Data = B0h
Addr = Block to suspend (BA)
Standby
Check SR.7
1 = WSM ready
0 = WSM busy
Standby
Check SR.2
1 = Program suspended
0 = Program completed
Write
Read
Array
Data = FFh
Addr = Any address within the
suspended partition
Read
Read array data from block other than
the one being programmed
Read
Status register data
Addr = Suspended block (BA)
PGM_SUS.WMF
Start
Write B0h
Any Address
Program Suspend
Read
Status
Program
Resume
Read
Array
Read
Array
Write 70h
Same Partition
Write
Read
Status
Data = 70h
Addr = Same partition
If the suspended partition was placed in Read Array mode:
Write
Read
Status
Return partition to Status mode:
Data = 70h
Addr = Same partition
Write 70h
Same Partition
Read
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com