Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 76 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 76 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 72Page - Intel Corporation JS28F640P30T85 Datasheet HTML 73Page - Intel Corporation JS28F640P30T85 Datasheet HTML 74Page - Intel Corporation JS28F640P30T85 Datasheet HTML 75Page - Intel Corporation JS28F640P30T85 Datasheet HTML 76Page - Intel Corporation JS28F640P30T85 Datasheet HTML 77Page - Intel Corporation JS28F640P30T85 Datasheet HTML 78Page - Intel Corporation JS28F640P30T85 Datasheet HTML 79Page - Intel Corporation JS28F640P30T85 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
76
Order Number: 306666, Revision: 001
Note:
Always clear the Status Register prior to resuming erase operations. It avoids Status Register
ambiguity when issuing commands during Erase Suspend. If a command sequence error occurs
during an erase-suspend state, the Status Register contains the command sequence error status
(SR[7,5,4] set). When the erase operation resumes and finishes, possible errors during the erase
operation cannot be detected via the Status Register because it contains the previous error status.
14.1.1
Clear Status Register
The Clear Status Register command clears the status register. It functions independent of VPP. The
Write State Machine (WSM) sets and clears SR[7,6,2], but it sets bits SR[5:3,1] without clearing
them. The Status Register should be cleared before starting a command sequence to avoid any
ambiguity. A device reset also clears the Status Register.
14.2
Read Device Identifier
The Read Device Identifier command instructs the device to output manufacturer code, device
identifier code, block-lock status, protection register data, or configuration register data (see
Section 9.2, “Device Commands” on page 50 for details on issuing the Read Device Identifier
command). Table 29, “Device Identifier Information” on page 77 and Table 30, “Device ID codes”
on page 77 show the address offsets and data values for this device.
5
Erase Status (ES)
0 = Erase successful.
1 = Erase fail or program sequence error when set with SR[4,7].
4
Program Status (PS)
0 = Program successful.
1 = Program fail or program sequence error when set with SR[5,7]
3VPP Status (VPPS)
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.
2
Program Suspend Status
(PSS)
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status
(BLS)
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0
BEFP Status (BWS)
DWS
0
0
1
1
BWS
0
1
0
1
= WSM is busy and buffer is available for loading.
= WSM is busy and buffer is not available for loading.
= WSM is not busy and buffer is available for loading.
= Reserved for Future Use (RFU).
Table 28.
Status Register Description (Sheet 2 of 2)
Status Register (SR)
Default Value = 0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com