Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 70 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 70 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 66Page - Intel Corporation JS28F640P30T85 Datasheet HTML 67Page - Intel Corporation JS28F640P30T85 Datasheet HTML 68Page - Intel Corporation JS28F640P30T85 Datasheet HTML 69Page - Intel Corporation JS28F640P30T85 Datasheet HTML 70Page - Intel Corporation JS28F640P30T85 Datasheet HTML 71Page - Intel Corporation JS28F640P30T85 Datasheet HTML 72Page - Intel Corporation JS28F640P30T85 Datasheet HTML 73Page - Intel Corporation JS28F640P30T85 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
70
Order Number: 306666, Revision: 001
down state, a Lock-Down command must be issued prior to changing WP# to VIL. Locked-down
blocks revert to the locked state upon reset or power up the device (see Figure 32, “Block Locking
State Diagram” on page 70).
13.1.4
Block Lock Status
The Read Device Identifier command is used to determine a block’s lock status (see Section 14.2,
“Read Device Identifier” on page 76). Data bits DQ[1:0] display the addressed block’s lock status;
DQ0 is the addressed block’s lock bit, while DQ1 is the addressed block’s lock-down bit.
13.1.5
Block Locking During Suspend
Block lock and unlock changes can be performed during an erase suspend. To change block
locking during an erase operation, first issue the Erase Suspend command. Monitor the Status
Register until SR[7] and SR[6] are set, indicating the device is suspended and ready to accept
another command.
Next, write the desired lock command sequence to a block, which changes the lock state of that
block. After completing block lock or unlock operations, resume the erase operation using the
Erase Resume command.
Note:
A Lock Block Setup command followed by any command other than Lock Block, Unlock Block,
or Lock-Down Block produces a command sequence error and set Status Register bits SR[4] and
Figure 32.
Block Locking State Diagram
[X00]
[X01]
Power-Up/Reset
Unlocked
Locked
[011]
[111]
[110]
Locked-
Down
4,5
Software
Locked
[011]
Hardware
Locked
5
Unlocked
WP# Hardware Control
Notes:
1. [a,b,c] represents [WP#, DQ1, DQ0]. X = Don’t Care.
2. DQ1 indicates Block Lock-Down status. DQ1 = ‘0’, Lock-Down has not been issued
to this block. DQ1 = ‘1’, Lock-Down has been issued to this block.
3. DQ0 indicates block lock status. DQ0 = ‘0’, block is unlocked. DQ0 = ‘1’, block is
locked.
4. Locked-down = Hardware + Software locked.
5. [011] states should be tracked by system software to determine difference between
Hardware Locked and Locked-Down states.
Software Block Lock (0x60/0x01) or Software Block Unlock (0x60/0xD0)
Software Block Lock -Down (0x60/0x2F)
W P# hardware control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com