Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 32 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 32 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 28Page - Intel Corporation JS28F640P30T85 Datasheet HTML 29Page - Intel Corporation JS28F640P30T85 Datasheet HTML 30Page - Intel Corporation JS28F640P30T85 Datasheet HTML 31Page - Intel Corporation JS28F640P30T85 Datasheet HTML 32Page - Intel Corporation JS28F640P30T85 Datasheet HTML 33Page - Intel Corporation JS28F640P30T85 Datasheet HTML 34Page - Intel Corporation JS28F640P30T85 Datasheet HTML 35Page - Intel Corporation JS28F640P30T85 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
32
Order Number: 306666, Revision: 001
6.2
DC Voltage Characteristics
IPPW
VPP Program Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, program in progress
8228
22
VPP = VPPH, program in progress
IPPE
VPP Erase Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, erase in progress
8228
22
VPP = VPPH, erase in progress
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TC = +25 °C.
2.
ICCS is the average current measured over any 5 ms time interval 5 µs after CE# is deasserted.
3.
Sampled, not 100% tested.
4.
VCC read + program current is the sum of VCC read and VCC program currents.
5.
VCC read + erase current is the sum of VCC read and VCC erase currents.
6.
ICCES is specified with the device deselected. If device is read while in erase suspend, current is ICCES plus ICCR.
7.
ICCW, ICCE measured over typical or max times specified in Section 7.5, “Program and Erase Characteristics” on
page 45.
Table 13. DC Voltage Characteristics
Sym
Parameter
CMOS Inputs
(VCCQ = 1.7 V - 3.6 V)
TTL Inputs (1)
(VCCQ = 2.4 V - 3.6 V)
Unit
Test Condition
Notes
Min
Max
Min
Max
VIL
Input Low Voltage
0
0.4
0
0.6
V
2
VIH
Input High Voltage
VCCQ – 0.4
VCCQ
2.0
VCCQ
V
VOL
Output Low Voltage
-
0.1
-
0.1
V
VCC = VCCMin
VCCQ = VCCQMin
IOL = 100 µA
VOH
Output High Voltage
VCCQ – 0.1
-
VCCQ – 0.1
-
V
VCC = VCCMin
VCCQ = VCCQMin
IOH = –100 µA
VPPLK
VPP Lock-Out Voltage
-
0.4
-
0.4
V
3
VLKO
VCC Lock Voltage
1.0
-
1.0
-
V
VLKOQ VCCQ Lock Voltage
0.9
-
0.9
-
V
NOTES:
1.
Synchronous read mode is not supported with TTL inputs.
2.
VIL can undershoot to –0.4 V and VIH can overshoot to VCCQ+ 0.4 V for durations of 20 ns or less.
3.
VPP ≤ VPPLK inhibits erase and program operations. Do not use VPPL and VPPH outside their valid ranges.
Table 12. DC Current Characteristics (Sheet 2 of 2)
Sym
Parameter
CMOS
Inputs
(VCCQ =
1.7 V - 3.6 V)
TTL Inputs
(VCCQ =
2.4 V - 3.6 V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com