Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 45 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 45 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 41Page - Intel Corporation JS28F640P30T85 Datasheet HTML 42Page - Intel Corporation JS28F640P30T85 Datasheet HTML 43Page - Intel Corporation JS28F640P30T85 Datasheet HTML 44Page - Intel Corporation JS28F640P30T85 Datasheet HTML 45Page - Intel Corporation JS28F640P30T85 Datasheet HTML 46Page - Intel Corporation JS28F640P30T85 Datasheet HTML 47Page - Intel Corporation JS28F640P30T85 Datasheet HTML 48Page - Intel Corporation JS28F640P30T85 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
45
7.5
Program and Erase Characteristics
Num
Symbol
Parameter
VPPL
VPPH
Units Notes
Min
Typ
Max
Min
Typ
Max
Conventional Word Programming
W200 tPROG/W
Program
Time
Single word
-
90
200
-
85
190
µs
1
Single cell
-
30
60
-
30
60
Buffered Programming
W200 tPROG/W
Program
Time
Single word
-
90
200
-
85
190
µs
1
W251 tBUFF
32-word buffer
-
440
880
-
340
680
Buffered Enhanced Factory Programming
W451 tBEFP/W
Program
Single word
n/a
n/a
n/a
-
10
-
µs
1,2
W452
tBEFP/
Setup
BEFP Setup
n/a
n/a
n/a
5
-
-
1
Erasing and Suspending
W500 tERS/PB
Erase Time
32-KByte Parameter
-
0.4
2.5
-
0.4
2.5
s
1
W501 tERS/MB
128-KByte Main
-
1.2
4.0
-
1.0
4.0
W600 tSUSP/P
Suspend
Latency
Program suspend
-
20
25
-
20
25
µs
W601 tSUSP/E
Erase suspend
-
20
25
-
20
25
Notes:
1.
Typical values measured at TC = +25 °C and nominal voltages. Performance numbers are valid for all
speed versions. Excludes system overhead. Sampled, but not 100% tested.
2.
Averaged over entire device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com