Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 17 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 17 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 13Page - Intel Corporation JS28F640P30T85 Datasheet HTML 14Page - Intel Corporation JS28F640P30T85 Datasheet HTML 15Page - Intel Corporation JS28F640P30T85 Datasheet HTML 16Page - Intel Corporation JS28F640P30T85 Datasheet HTML 17Page - Intel Corporation JS28F640P30T85 Datasheet HTML 18Page - Intel Corporation JS28F640P30T85 Datasheet HTML 19Page - Intel Corporation JS28F640P30T85 Datasheet HTML 20Page - Intel Corporation JS28F640P30T85 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
17
4.0
Ballout and Signal Descriptions
4.1
Signal Ballout
Notes:
1.
A1 is the least significant address bit.
2.
A23 is valid for 128-Mbit densities and above; otherwise, it is a no connect (NC).
3.
A24 is valid for 256-Mbit densities and above; otherwise, it is a no connect (NC).
Figure 7.
56-Lead TSOP Pinout (64/128/256-Mbit)
Intel StrataFlash®
Embedded Memory (P 30)
56-Lead TSOP Pinout
14 mm x 20 mm
Top View
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
A14
A13
A12
A10
A9
A11
A23
A21
VSS
A22
VCC
WP#
A20
WE#
A19
A8
A7
A18
A6
A4
A3
A5
A2
RFU
VSS
A24
WAIT
DQ15
DQ7
A17
DQ14
DQ13
DQ5
DQ6
DQ12
ADV#
CLK
DQ4
RST#
A16
DQ3
VPP
DQ10
VCCQ
DQ9
DQ2
DQ1
DQ0
VCC
DQ8
OE #
CE#
A1
VSS
A15
DQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com