Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 12 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 12 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 8Page - Intel Corporation JS28F640P30T85 Datasheet HTML 9Page - Intel Corporation JS28F640P30T85 Datasheet HTML 10Page - Intel Corporation JS28F640P30T85 Datasheet HTML 11Page - Intel Corporation JS28F640P30T85 Datasheet HTML 12Page - Intel Corporation JS28F640P30T85 Datasheet HTML 13Page - Intel Corporation JS28F640P30T85 Datasheet HTML 14Page - Intel Corporation JS28F640P30T85 Datasheet HTML 15Page - Intel Corporation JS28F640P30T85 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
12
Order Number: 306666, Revision: 001
3.2
64-Ball Easy BGA Package
Note:
Daisy Chain Evaluation Unit information is at Intel® Flash Memory Packaging Technology http://developer.intel.com/
design/flash/packtech.
Figure 2.
Easy BGA Mechanical Specifications
Table 2.
Easy BGA Package Dimensions
Product Information
Symbol
Millimeters
Inches
Notes
Min
Nom
Max
Min
Nom
Max
Package Height (64/128/256-Mbit)
A
-
-
1.200
-
-
0.0472
Package Height (512-Mbit)
A
-
-
1.300
-
-
0.0512
Ball Height (64/128/256-Mbit)
A1
0.250
-
-
0.0098
-
-
Ball Height (512-Mbit)
A1
0.240
-
-
0.0094
-
-
Package Body Thickness (64/128/256-Mbit)
A2
-
0.780
-
-
0.0307
-
Package Body Thickness (512-Mbit)
A2
-
0.910
-
-
0.0358
-
Ball (Lead) Width
b
0.330
0.430
0.530
0.0130
0.0169
0.0209
Package Body Width
D
9.900
10.000
10.100
0.3898
0.3937
0.3976
1
Package Body Length
E
12.900
13.000
13.100
0.5079
0.5118
0.5157
1
Pitch
[e]
-
1.000
-
-
0.0394
-
Ball (Lead) Count
N
-
64
-
-
64
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A1 Distance Along D
S1
1.400
1.500
1.600
0.0551
0.0591
0.0630
1
Corner to Ball A1 Distance Along E
S2
2.900
3.000
3.100
0.1142
0.1181
0.1220
1
E
Seating
Plane
S1
S2
e
Top View - Ball side down
Bottom View - Ball Side Up
Y
A
A1
D
Ball A1
Corner
A2
Note: Drawing not to scale
A
B
C
D
E
F
G
H
87
6
5
4
3
2
1
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
b
Ball A1
Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com