Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 4 Page - ON Semiconductor

  NCL2801LED2GEVB Datasheet HTML 1Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
4
Dimming
In order to avoid flicker issues caused by skip mode
operation, this deep dimming design uses 2 current control
loops. The main loop controls current through the normal
feedback control to the NCP13992. Below a predetermined
threshold (20% in this case), the second control loop sets the
current using a linear regulator made of Q3 & U9. While the
main loop is in control, Q3 is saturated for maximum
efficiency. Once Q3 enters the active mode and controls the
LED current, Q7 regulates the voltage across Q3 to optimize
power losses while allowing Q3 to be in the linear region and
provide a very stable output current even though the LLC is
in skip mode.
Figure 2. Line Dim Curve
The blue line shows the internal dim voltage (note this is
not the external 0−10 V dim signal) vs the normalized
output current for the main output control. The orange line
represents the internal dim voltage vs normalized output for
the linear control. For any given dim setting, the lower
setting of the 2 control loops will set the output current. As
you can see, the blue line (main loop) sets the output current
above 20% load and the orange line (linear loop) sets the
current below 20%. This dual mode control provides deep
stable dimming while maximizing efficiency for higher
output loads.
PROTECTION
OVP/Thermal Protection
The thermal protection is built into the NCP13992 and
shuts down the NCP13992 when the die temperature
exceeds 150
°C. An NTC can be connected to pin 7 to
program the thermal protection. Pulling up pin 7 through a
Zener diode is a good way to set the OVP on the primary
side. The primary VCC winding is the image of the output
voltage through the turns ratio of the power transformer.
This is a convenient way to set the OVP threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com