Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 3 Page - ON Semiconductor

  NCL2801LED2GEVB Datasheet HTML 1Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
3
rise to 107% of nominal, a second OVP function stops all
switching to avoid a run−away situation. Switching resumes
when the output voltage returns to normal. The OVP
functions can be observed during initial startup and for large
reductions in output load. The CS pin links the switch
current to the boost control function. This pin also provides
over current protection on a cycle by cycle basis. A
programming feature is also managed by the CS pin. At
initial power up, the NCL2801 outputs a current through the
CS pin to read a resistor placed on the circuit board. A
lookup table links the measured resistance to one of six
levels. Resistance below 50 nominal is interpreted as a
shorted pin, or assembly fault which stops the converter
from operating. Nominal impedances of 150, 330, 620, and
1 k are linked to one of four thresholds determining when the
control function changes from CrM to DCM operation. A
resistance measurement greater than about 1.3 k nominal is
considered an open circuit, or assembly fault which disables
the converter. This feature allows easy configuration of the
operating mode and detects faults on the circuit board. This
EVB is fitted with 150 which invokes the lowest CrM to
DCM threshold.
LLC Power Stage
The power stage is a resonant LLC half bridge. The
NCP13992 controls the output by controlling the switching
frequency so the output duty cycle is 50%. The NCP13992
operates in current mode so the frequency is slaved to the
primary current. Current control has similar effects in LLC
converters has as other current controlled converters:
1) Simplified loop stability 2) Inherent overload protection
3) Stable frequency operation. LLC converters operate at a
fixed duty cycle like most resonant converters. Increasing
frequency reduces the output current but there are limits to
the upper frequency operation. As the load approaches zero,
the NCP13992 enters skip modes to regulate the output
voltage.
The LLC delivers maximum output at its lowest operating
frequency. There is an on time limiter which is hard coded
into the NCP13992. The on time limit is selectable by
choosing the desired suffix in the part number. The power
component values are chosen to work at the frequency limits
of the controller.
HV Start
The NCP13992 supplies its own VCC at startup.
Simultaneously it turns on the NCL2801 to produce boost
voltage. The LLC power stage begins operation when the
boost voltage is high enough and supplies VCC power to the
NCP13992 and NCL2801 from the bootstrap winding on the
power transformer. The bootstrap voltage is regulated by Q5
to about 15 V because the bootstrap voltage is about 25 V in
normal operation. The bootstrap voltage needs to be higher
than needed so that the VCC power does not reach UVLO
during extreme light load operation when the power stage is
in skip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com