Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 1 Page - ON Semiconductor

  NCL2801LED2GEVB Datasheet HTML 1Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2019
March, 2020 − Rev. 1
1
Publication Order Number:
EVBUM2643/D
NCL2801LED2GEVB
Deep Dimming LED Driver
150 W Evaluation Board
User's Manual
OVERVIEW
This manual covers the specification, theory of operation,
testing and construction of the NCL2801LED2GEVB demo
board. This demo board uses NCL2801 as the front end PFC
and NCP13992 LLC for the output converter which
demonstrates a 150W LED driver. This LED driver features
deep dimming with a 0−10 V interface.
Figure 1.
www.onsemi.com
EVAL BOARD USER’S MANUAL


Similar Part No. - NCL2801LED2GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCL2801CDADR2G ONSEMI-NCL2801CDADR2G Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCL2801CDBDR2G ONSEMI-NCL2801CDBDR2G Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCL2801CFADR2G ONSEMI-NCL2801CFADR2G Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
More results

Similar Description - NCL2801LED2GEVB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
logo
National Semiconductor ...
LM3464 NSC-LM3464 Datasheet
3Mb / 14P
4 Channel LED Driver Evaluation Board
logo
Texas Instruments
LM3414HV TI1-LM3414HV Datasheet
2Mb / 15P
1A 65V LED Driver Evaluation Board
logo
Copal Electronics
AN14 COPAL-AN14 Datasheet
654Kb / 10P
W-52EVAL1 EVALUATION BOARD FOR W-52 WHITE LED DRIVER
logo
Microchip Technology
MCP1664 MICROCHIP-MCP1664 Datasheet
783Kb / 28P
MCP1664 LED Driver Evaluation Board
01/27/15
logo
Monolithic Power System...
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com