Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 10Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
7
Figure 7. Dim Interface Circuit
R58
7.15k
C24
R74
56k
R75
7.15k
C37
R59
10k
R60
100
C32
U5
S−1212BA0−M5T1U
VIN
1
GND
VOUT
5
nc
3
On/Off
Sec_Vcc
U11
SI8735BC−ISR
Vout
7
Vdd
8
Gnd
5
Anode
2
Cath
3
nc
6
nc
4
nc
1
R46
56k
R47
56k
R48
56k
C29
1 nF
C30
1 nF
C31
1 nF
Sec_Vcc_reg
Idim
Dim_Vcc_reg
Dim_input
+
−
U6
TLV1805−Q1
4
3
1
6
5
2
R77
10Meg
DNI
Freq − 6k
22
mF
10
mF
1
mF
Figure 8. Secondary Dim Interface Circuit
C36
R64
205k
C44
R65
1.2M
L6
C38
Sec_7V0_bulk
C39
33 pF
LED+
U14
MP4569GN−Z
Bst
7
SW
8
SS
5
Vin
2
En
3
Bias
6
FB
4
Gnd
1
C40
4.7 nF
C41
100nF
LED+
R68
332k
U15
NCP715SQ50T2G
4
5
3
Sec_Vcc_reg
C47
R56
430k
R57
10k
Idim
+
−
U12
TLV271SN2T1G
3
4
1
Dim_contrl
Sec_Vcc_reg
R54
100k
R55
11k
Secondary Vcc
Dim Signal Scaling
150
mH
10
mF
100
mF 25 V
10
mF
22
mF
VIN
VOUT
nc
nc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com