Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 5 Page - ON Semiconductor

  NCL2801LED2GEVB Datasheet HTML 1Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
5
SCHEMATIC
Figure 3. Input Curcuit
AC_L
F1
3A15 Slo
+
−
AC1
AC2
D1
GBU6J
AC_N
HVDC_Rect
R1
320 V
L1
10mH
C4
4.7 nF Y1
J1
CON3
1
2
3
C2
220 nF
Mult_out
C1
220 nF
L2
C3
330 nF
L3
D2
ES1JFL
D3
ES1JFL
390
mH
390
mH
Figure 4. PFC Circuit
R37
100
PFC_BO
C27
1 nF
PFC_Drain
HS2
CSM222−30AE
R67
8.45k
R80
160k
R15
1.5 Meg
U4
NCL2801CDA
Gtdrv
7
Vcc
Gnd
Vctl
2
Mult
3
ZCD
5
CS
4
FB
1
ZCD
HVDC_Rect
Vcc_PFC
C18
330 nF
C15
Vboost
PFC_GD
TX1
R21
20k
C13
150 nF
C16
1 nF
R19
20k
C19
R24
0.27
Q4
FCPF190N65S3L1
R17
56k
R22
150
PFC_CS
D6
RURD660S9A
C14
Mult_out
Mult
Vboost
Comp
R18
1.5 Meg
R14
1.5 Meg
R16
1.5 Meg
C17
1 nF
R66
10k
R23
0.27
PFC_FB
PFC_Src
D5
RURD660S9A
Z4
Screw_M3X 8
2.2
mF
1
mF
100
mF 500 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com