Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 10Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 11Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
8
BILL OF MATERIAL
Quantity
Reference
Part
Distributor
Dist. P/N
Manufacturer
Mfr_PN
Insert
Safety
Controlled
2
C1,C2
220nF
Digikey
732−5738−ND
Wurth
890334024002
Yes
Yes
1
C3
330nF
Digikey
732−5739−ND
Wurth
890334024003CS
Yes
Yes
2
C4,C28
4.7nF Y1
Digikey
490−9395−ND
Murata
DE1E3KX472MB4BP01F
Yes
Yes
3
C5,C41,
C49
100nF
Digikey
1276−1001−1−ND
Samsung
CL05B104KO5NNNC
Yes
No
1
C6
220pF
Digikey
311−1504−1−ND
Yageo
CC1206JKNPOCBN221
Yes
No
1
C7
22nF 1kV
Digikey
495−7325−ND
Epcos
B32683A0223K000
Yes
No
2
C8,C45
22nF
Digikey
732−7547−1−ND
Wurth
885012205052
Yes
No
2
C9,C10
470uF 63V
Digikey
493−1647−ND
Nichicon
UHE1J471MHD6
Yes
No
1
C12
10nF
Digikey
1276−1028−1−ND
Samsung
1276−1028−1−ND
Yes
No
1
C13
150nF
Digikey
732−11835−ND
Wurth
890303325008CS
Yes
No
1
C14
100uF 500V
Digikey
1189−4273−ND
Rubycon
500LXW100MEFR18X45
Yes
No
2
C15,C22
1uF
Digikey
311−1886−1−ND
Yageo
CC0805KKX7R9BB105
Yes
No
6
C16,C17,
C27,C29,
C30,C31
1nF
Digikey
732−7539−1−ND
Wurth
885012205044
Yes
No
1
C18
330nF
Digikey
732−7968−1−ND
Wurth
885012206049
Yes
No
1
C19
2.2uF
Digikey
732−7665−1−ND
Wurth
885012207052
Yes
No
1
C20
2.2uF 100V
Digikey
445−12947−1−ND
TDK
CGA5L3X7S2A225M160AB
Yes
No
2
C21,C48
10uF 50V
Digikey
493−15578−ND
Nichicon
UMV1H100MFD
Yes
No
4
C24,C38,
C46,C47
10uF
Digikey
1276−6641−1−ND
Samsung
CL31B106MOHNNNE
Yes
No
2
C26,C40
4.7nF
Digikey
311−3070−1−ND
Yageo
AC0402KRX7R8BB472
Yes
No
2
C32,C36
22uF
Digikey
1276−7076−1−ND
Samsung
CL10A226MO7JZNC
Yes
No
1
C37
1uF
Digikey
1276−1942−1−ND
Samsung
CL10B105KA8NFNC
Yes
No
1
C39
33pF
Digikey
311−1020−1−ND
Yageo
CC0402JRNPO9BN330
Yes
No
2
C42,C43
100pF
Digikey
732−7533−1−ND
Wurth
885012205038
Yes
No
1
C44
100uF25V
Digikey
493−1548−ND
Nichicon
UHE1E101MED
Yes
No
1
D1
GBU6J
Digikey
GBU6JFS−ND
ON
Semiconductor
GBU6J
Yes
Yes
5
D2,D3,D7,
D8,D17
ES1JFL
Fairchild
ES1JFLCT−ND
Fairchild
ES1JFL
Yes
No
1
D4
MBRF20100C
TG
Digikey
MBRF20100CTGOS−ND
ON
Semiconductor
MBRF20100CTG
Yes
No
2
D5,D6
RURD660S9A
Digikey
RURD660S9ACT−ND
ON
Semiconductor
RURD660S9A
Yes
No
1
D9
MMSZ30T1G
ON
Semiconductor
MMSZ30T1GOSCT−ND
ON
Semiconductor
MMSZ30T1G
Yes
No
1
D10
MMSZ5248CT
1G
ON
Semiconductor
MMSZ5248CT1GOSCT−N
D
ON
Semiconductor
MMSZ5248CT1G
Yes
No
2
D11,D12
SS13HE
Fairchild
SS13HECT−ND
Fairchild
SS13HE
DNI
No
1
D13
MBRS4201T3
G
Fairchild
MBRS4201T3GOSCT−ND
Fairchild
MBRS4201T3G
Yes
No
1
D16
MMSZ56T1G
ON
Semiconductor
MMSZ56T1GOSCT−ND
ON
Semiconductor
MMSZ56T1G
Yes
No
1
F1
3A15 Slo
Digikey
F6803−ND
Littelfuse
36913150440
Yes
Yes
1
HS1
HS388
Digikey
HS388−ND
Aavid
581102B02500G
Yes
No
2
HS2,HS3
CSM222−30A
E
Digikey
CSM222−30AE−ND
Ohmite
CSM222−30AE
Yes
No
1
HS4
V5074B−T
Digikey
AE10804−ND
Assman
V5074B−T
Yes
No
1
J1
CON3
Digikey
732−2027−ND
Wurth
691101710003
Yes
No
1
J6
OSTTC062162
Digikey
ED2613−ND
On Shore
Technology
Inc.
OSTTC062162
Yes
No
1
L1
10mH
Digikey
732−1452−ND
Wurth
744824310
Yes
Yes
2
L2,L3
390uH
Digikey
732−1433−ND
Wurth
7447071
Yes
Yes
1
L4
100uH
Digikey
750317957
Wurth
750317957
Yes
No
1
L5
22uH
Digikey
732−1211−1−ND
Wurth
744771122
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com