Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 10Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 11Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 12Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
9
BILL OF MATERIAL (continued)
Quantity
Safety
Controlled
Insert
Mfr_PN
Manufacturer
Dist. P/N
Distributor
Part
Reference
1
L6
150uH
Digikey
732−10761−1−ND
Wurth
74404043151A
Yes
No
2
Q1,Q2
FCD9N60NTM
ON
Semiconductor
FCD9N60NTMCT−ND
ON
Semiconductor
FCD9N60NTM
Yes
No
1
Q3
NTD24N06LT4
G
ON
Semiconductor
NTD24N06LT4GOSCT−N
D
ON
Semiconductor
NTD24N06LT4G
Yes
No
1
Q4
FCPF190N65S
3L1
ON
Semiconductor
FCPF190N65S3L1−ND
ON
Semiconductor
FCPF190N65S3L1
Yes
No
2
Q5,Q7
MMBTA06LT1
G
ON
Semiconductor
MMBTA06LT1GOSCT−ND
ON
Semiconductor
MMBTA06LT1G
Yes
No
1
RTV−162
RTV−162
Digikey
473−1203−ND
MG Chemicals
RTV162−300ML
Yes
No
1
R1
320 V
Digikey
F1952−ND
Littelfuse
V320LA10P
Yes
Yes
3
R2,R5,R6
9
10
Digikey
311−10.0HRCT−ND
Yageo
RC0603FR−0710RL
Yes
No
5
R3,R35,
R37,R60,
R72
100
Digikey
311−100LRCT−ND
Yaego
RC0402FR−07100RL
Yes
No
1
R4
2.4k
Digikey
311−2.40KHRCT−ND
Yageo
RC0603FR−072K4L
Yes
No
3
R9,R13,
R81
4.99k
Digikey
311−4.99KLRCT−ND
Yaego
RC0402FR−074K99L
Yes
No
7
R10,R36,
R57,R59,
R61,R66,
R78
10k
Digikey
311−10.0KLRCT−ND
Yaego
RC0402FR−0710KL
Yes
No
1
R12
50m
Digikey
PRL1632.050FCT−ND
Susumu
PRL1632−R050−F−T1
Yes
No
4
R14,R15,
R16,R18
1.5 Meg
Digikey
RHM1.50MAHCT−ND
Rohm
KTR10EZPF1504
Yes
No
1
R17
56k
Digikeu
311−56.0KCRCT−ND
Yaego
RC0805FR−0756KL
Yes
No
2
R19,R21
20k
Digikey
311−20.0KLRCT−ND
Yaego
RC0402FR−0720KL
Yes
No
1
R22
150
Digikey
311−150LRCT−ND
Yaego
RC0402FR−07150RL
Yes
No
2
R23,R24
0.27
Digikey
PT.27YCT−ND
Panasonic
RCWE0612R909FKEA
Yes
No
5
R25,R46,
R47,R48,
R74
56k
Digikey
311−56.0KLRCT−ND
Yaego
RC0402FR−0756KL
Yes
No
1
R26
15k
Digikey
311−15.0KLRCT−ND
Yageo
RC0402FR−0715KL
Yes
No
1
R27
56k
Digikey
311−56.0KCRCT−ND
Yaego
RC0805FR−0756KL
Yes
No
2
R28,R29
1
Digikey
311−1.00HRCT−ND
Yageo
RC0603FR−071RL
DNI
No
2
R30,R55
11k
Digikey
311−11.0KLRCT−ND
Yaego
RC0402FR−0711KL
Yes
No
1
R31
0.4
Digikey
311−0.4ARCT−ND
Yageo
PT2512FK−070R4L
Yes
No
1
R41
158k
Digikey
YAG2990CT−ND
Yageo
RC0402FR−07158KL
Yes
No
1
R42
4.7Meg
Digikey
RMCF0402FT4M70CT−N
D
Stackpole
RMCF0402FT4M70
Yes
No
1
R54
100k
Digikey
311−100KLRCT−ND
Yaego
RC0402FR−07100KL
Yes
No
1
R56
430k
Digikey
311−430KLRCT−ND
Yaego
RC0402FR−07430KL
Yes
No
2
R58,R75
7.15k
Digikey
YAG3235CT−ND
Yaego
RC0402FR−077K15L
Yes
No
1
R62
1k
Digikey
311−1.00KLRCT−ND
Yaego
RC0402FR−071KL
Yes
No
2
R63,R64
205k
Digikey
YAG3050CT−ND
Yaego
RC0402FR−07205KL
Yes
No
1
R65
1.2M
Digikey
YAG5649CT−ND
Yaego
AC0402FR−071M2L
Yes
No
1
R67
8.45k
Digikey
YAG3254CT−ND
Yaego
RC0402FR−078K45L
Yes
No
1
R68
332k
Digikey
311−332KLRCT−ND
Yageo
RC0402FR−07332KL
Yes
No
2
R70,R71
2.7k
Digikey
A129937CT−ND
TE
CRGCQ2010F2K7
Yes
No
1
R73
1k
Digikey
311−1.00KHRCT−ND
Yaego
RC0603FR−071KL
Yes
No
1
R77
10Meg
Digikey
311−10.0MLRCT−ND
Yageo
RC0402FR−0710ML
DNI
No
1
R79
24k
Digikey
311−24KLRCT−ND
Yaego
RC0402FR−0724KL
Yes
No
1
R80
160k
Digikey
311−160KCRCT−ND
Yageo
RC0805FR−07160KL
Yes
No
1
R82
1k
Digikey
311−1.00KLRCT−ND
Yageo
RC0402FR−071KL
Yes
No
1
TX1
180uH
Wurth
750317956
Wurth
750317956
Yes
No
0.001
Thermal
Grease
Aavid 249G
Digikey
249G−ND
Aavid
249G
Yes
No
1
T1
750318211
Digikey
750318211
Wurth
750318211
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com