Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL2801LED2GEVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 2 Page - ON Semiconductor

  NCL2801LED2GEVB Datasheet HTML 1Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
2
SPECIFICATIONS
Input voltage
90 Vac – 305 Vac
Output Voltage
50 Vdc
Nom.
Output Current
1.5 A
Max
Output Ripple
± 5%
Max
Efficiency
94%
Max
Switching Frequency
85 kHz − 140 kHz
Dimming Interface
0 – 10 V
Dimming Range
0.3% − 100%
PCB Size
180 mm
× 65 mm
The key features of this demo board include:
High Efficiency
CrM PFC
LLC Half Bridge
Dual Dimming Control
Low Standby Power
Integrated Thermal Shutdown and UVLO
THEORY OF OPERATION
Overview
The NCL2801LED2GEVB has 2 converters. The front
end converter is based on the NCL2801 PFC controller and
the NCP13992 LLC controller regulates the output current
to the LEDs. The NCP13992 has hardware handshaking
with the NCL2801 to control no load power. At startup, the
NCL13992 provides VCC to the NCL2801 while also
monitoring the HVDC from the voltage divider that sets the
regulated boost voltage. If the boost voltage does not come
into regulation within 200 ms, the NCP13992 turns off VCC
to the NCL2801. LLC converters work best when the input
and output voltage are within a narrow range. The PFC
provides the regulated voltage for the LLC input.
PFC
The front end converter is a CrM boost converter based on
the NCL2801 PFC controller. This controller is optimized
for high power factor and low THD over a broad range of
line voltage and loads. The NCL2801 is designed to control
high power factor boost converters. This description will
focus on aspects which have been optimized to provide very
low THDi and high efficiency.
The circuit operates in Critical Conduction Mode (CrM)
for high loads, and transitions to Discontinuous Mode at
lighter loads by forcing a dead time. This innovative Valley
Count Frequency Fold−back method reduces the switching
frequency while preserving the benefits of traditional CrM
operation. The start of the next switching cycle is timed to
the power MOSFET drain voltage ringing after the end of
demagnetization which improves efficiency by switching at
the valley. Internal circuity allows near−unity power factor
even when the switching frequency is reduced. Introducing
delay lowers the switching frequency and can improve
efficiency under certain load conditions. Unlike typical CrM
boost converters based on voltage mode control, the
NCL2801 utilizes current mode control providing more
precise operation. A multiplier is required to condition the
envelope of the input current waveform. This IC features a
novel multiplier design to deliver very low input current
THDi over a broad power range. An offset is introduced to
the output of the multiplier to compensate for non−ideal
nature of the process. This function maintains sinusoidal
input current waveform especially near the zero crossings of
the applied input. Line Feedforward compensation adjusts
the gain of the controller to improve wide range control.
Gain is reduced at high input voltage and increased when the
applied voltage drops to a lower level. This gain change
maintains the output of the error amplifier, or VCTR, in a
more desirable operating range away from low level noise
and high level clipping. The gain change occurs in the
unused input voltage band between 150 and 180 Vac. The
change is clearly visible by monitoring VCTR while applied
voltage passes through this range. Range change has no
effect while operating in typical global mains voltage
ranges. High power factor converters use low loop
bandwidth to maintain high PF and low THDi performance.
As such, response to input voltage or output load changes is
typically slow and suffers large deviation from the regulated
value. The NCL2801 features a Dynamic Response
Enhancer (DRE) which quickly restores the control loop to
the required range in response to changes in power. DRE
maintains the output voltage even during an extreme zero to
100% load change. The DRE function is also active during
initial startup to speed the process of charging the output
capacitor. This DRE function allows use of smaller and
lower cost output capacitors in place of larger values often
used to mitigate the effects of load changes. Two Over
Voltage Protection (OVP) functions are included in this
version of NCL2801. The first OVP activates at 105% of
nominal output voltage and gradually reduces on−time to
zero. This reduces the power processing gradually over a
period of time avoiding erratic control of the output voltage.
This function typically manages events like rapid changes in
applied voltage or load. If the output voltage continues to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com