Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 4 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
4
INTERNAL EQUIVALENT CIRCUIT AND INPUT/OUTPUT PINS
Figure 2. Internal Block Diagram
NOTES:
1. nverter low−side is composed of three IGBTs, freewheeling diodes for each IGBT, and one control IC. It has gate drive and protection
functions.
2. nverter power side is composed of four inverter DC−link input terminals and three inverter output terminals.
3. Inverter high−side is composed of three IGBTs, freewheeling diodes, and three drive ICs for each IGBT.
LVIC
COM
VDD
IN
IN
IN
VFO
CSC
OUT
OUT
OUT
W (2)
P (1)
(24) VS(U)
(23) VB(U)
(29) VS(V)
(28) VB(V)
(17) CSC
(15) VFO
(14) IN(WL)
(13) IN(VL)
(12) IN(UL)
HVIC
OUT
(25) IN(VH)
(10) VDD(L)
(19) IN(UH)
(34) VS(W)
(33) VB(W)
(21) VDD(UH)
(30) IN(WH)
Thermistor
VS
(11) COM (L)
VDD
COM
HVIC
OUT
VS
VDD
COM
HVIC
VB
OUT
VS
VDD
COM
CFOD
NU (7)
NV (6)
NW (5)
U (4)
V (3)
RTH (8)
VTH (9)
(16) CFOD
(18) R SC
(20) COM (H)
(22) VBD(U)
(26) VDD(VH)
(27) VBD(V)
(31) VDD(WH)
(32) VBD(W)
IN
IN
IN
VB
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com