Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOOTSTRAP DIODE PART (Tj as specified)
VF
Forward Voltage
IF = 1.0 A, TJ = 25°C
−
2.2
−
V
trr
Reverse−Recovery Time
IF = 1.0 A, dIF / dt = 50 A/ms, TJ = 25°C
−
80
−
ns
CONTROL PART (Tj = 25°C unless otherwise noted)
IQDDH
Quiescent VDD Supply
Current
VDD(UH,VH,WH) = 15 V,
IN(UH,VH,WH) = 0 V
VDD(UH) − COM(H),
VDD(VH) − COM(H),
VDD(WH) − COM(H)
−
−
0.15
mA
IQDDL
VDD(L) = 15 V, IN(UL,VL, WL) = 0 V
VDD(L) − COM(L)
−
−
4.80
mA
IPDDH
Operating VDD Supply
Current
VDD(UH,VH,WH) = 15 V,
fPWM = 20 kHz, Duty = 50%,
Applied to one PWM Signal Input
for High−Side
VDD(UH) − COM(H),
VDD(VH) − COM(H),
VDD(WH) − COM(H)
−
−
0.30
mA
IPDDL
VDD(L) = 15V, fPWM = 20 kHz,
Duty = 50%, Applied to one PWM
Signal Input for Low−Side
VDD(L) − COM(L)
−
−
15.5
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15 V, IN(UH,VH,WH) = 0 V
VB(U) − VS(U),
VB(V) − VS(V),
VB(W) − VS(W)
−
−
0.30
mA
IPBS
Operating VBS Supply
Current
VDD = VBS = 15 V, fPWM = 20 kHz,
Duty = 50%, Applied to one PWM
Signal Input for High−Side
VB(U) − VS(U),
VB(V) − VS(V),
VB(W) − VS(W)
−
−
12.0
mA
VFOH
Fault Output Voltage
VDD = 15 V, VSC = 0 V, VFO Circuit: 4.7 kW to 5 V Pull−up
4.5
−
−
V
VFOL
VDD = 15 V, VSC = 1 V, VFO Circuit: 4.7 kW to 5 V Pull−up
−
−
0.5
V
ISEN
Sensing Current of Each
Sense IGBT
VDD = 15 V, VIN = 5 V, RSC = 0 W,
No Connection of Shunt Resistor
at NU,V,W Terminal
IC = 50 A
−
43
−
mA
VSC(ref)
Short Circuit Trip Level
VDD = 15 V (Note 8)
CSC − COM(L)
0.43
0.50
0.57
V
ISC
Short Circuit Current Level
for Trip
RSC = 13 W (±1%), No Connection of Shunt Resistor
at NU,V,W Terminal (Note 8)
−
75
−
A
UVDDD
Supply Circuit
Under−Voltage Protection
Detection Level
10.3
−
12.8
V
UVDDR
Reset Level
10.8
−
13.3
V
UVBSD
Detection Level
9.5
−
12.0
V
UVBSR
Reset Level
10.0
−
12.5
V
tFOD
Fault−Out Pulse Width
CFOD = Open
(Note 9)
50
−
−
ms
CFOD = 2.2 nF
1.7
−
−
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(UH,VH,WH) − COM(H),
IN(UL,VL,WL) − COM(L)
−
−
2.6
V
VIN(OFF)
OFF Threshold Voltage
0.8
−
−
V
RTH
Resistance of Thermistor
at TTH = 25°C
See Figure 6
(Note 10)
−
47
−
kW
at TTH = 100°C
−
2.9
−
kW
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Short−circuit current protection functions only at the low−sides because the sense current is divided from main current at low−side IGBTs.
Inserting the shunt resistor for monitoring the phase current at NU, NV, NW terminal, the trip level of the short−circuit current is changed.
9. The fault−out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation:
tFOD = 0.8 x 106 x CFOD [s].
10.TTH is the temperature of thermistor itself. To know case temperature (TC), conduct experiments considering the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com