Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 12 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor ASPM34 Datasheet HTML 14Page - ON Semiconductor ASPM34 Datasheet HTML 15Page - ON Semiconductor ASPM34 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
12
Figure 11. Short-Circuit Current Protection (Low-Side Operation Only)
(With the external sense resistance and RC filter connection)
c1: Normal operation: IGBT ON and carrying current.
c2: Short-circuit current detection (SC trigger).
c3: All low-side IGBTs gate are hard interrupted.
c4: All low-side IGBTs turn OFF.
c5: Fault output operation starts with a fixed pulse width according to the condition of the external capacitor CFOD.
c6: Input HIGH: IGBT ON state, but during the active period of fault output, the IGBT doesn’t turn ON.
c7: Fault output operation finishes, but IGBT doesn’t turn on until triggering the next signal from LOW to HIGH.
c8: Normal operation: IGBT ON and carrying current.
Lower Arms
Control Input
Output Current
Sensing Voltage
of Sense Resistor
Fault Output Signal
SC reference voltage
RC filter circuit
time constant
delay
SC current trip level
Protection
Circuit state
SET
RESET
c6
c7
c3
c2
c1
c8
c4
c5
Internal IGBT
Gate−Emitter
Internal delay
at protection circuit
Input Voltage
INPUT/OUTPUT INTERFACE CIRCUIT
Figure 12. Recommended MCU I/O Interface Circuit
NOTE:
14.RC coupling at each input might change depending on the PWM control scheme used in the application and the wiring impedance of the
application’s printed circuit board. The input signal section of the Motion SPM 2 product integrates 5 kW (typ.) pull−down resistor. Therefore,
when using an external filtering resistor, please pay attention to the signal voltage drop at input terminal.
MCU
COM
VFO
4.7 kW
ASPM
IN(UH), IN(VH), IN(WH)
IN(UL), IN(VL), IN(WL)
+5 V (MCU or control power)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com