Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
7
Figure 4. Example Circuit of Switching Test
One−Leg Diagram of ASPM34
P
N
IC
U,V,W
Inductor
HS Switching
LS Switching
V
600 V
V
V
15 V
5 V
4.7 kΩ
CBS
HS Switching
LS Switching
V
0 V
5 V
RBS
IN
VDD
IN
COM
VB
OUT
VS
VDD
IN
COM
OUT
CSC
CFOD
VFO
U,V,W
RSC
VDD
VPN
Collector Current, IC [A]
Inductive Load, VPN = 600 V, VCC = 15 V, Tj = 255C
Collector Current, IC [A]
Inductive Load, VPN = 600 V, VCC = 15 V, Tj = 1505C
Figure 5. Switching Loss Characteristics
Figure 6. R−T Curve of Built−in Thermistor
0
4
8
12
16
20
−20 −10
0
10 20 3040 5060 7080 90 100 110 120
Temperature [°C]
50
60
70
80
90
100
110
120
R−T Curve in 505C ~ 1255C
R−T Curve
0
50
100
150
200
250
300
350
400
450
500
550
600
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com